PART |
Description |
Maker |
1300900010 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
|
Molex Electronics Ltd.
|
1300910021 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300900009 |
Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 10.67m
|
Molex Electronics Ltd.
|
1300910059 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m
|
Molex Electronics Ltd.
|
1300910025 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300910087 |
Woodhead Standard Cord Reel, 12/3 SJTOW Cord, 10.67m (35.0) Cord Length with 15A Connector
|
Molex Electronics Ltd.
|
CS5368-CQZ CS5368-CQZR CS5368-DQZ CS5368-DQZR CIRR |
114 dB, 192 kHz, 8-Channel A/D Converter RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
130094-0374 |
Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
|
Molex Electronics Ltd.
|
ML9211 |
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
|
OKI electronic components OKI[OKI electronic componets]
|